Part Number Hot Search : 
1N4007 2SB991 DA120 2107LT 3362S202 IDT77305 K4S5616 25L80
Product Description
Full Text Search
 

To Download TMP47C990E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOSHIBA
TLCS-47E Series CMOS 4-bit Microcontroller
TMP47C101P, TMP47C201P, TMP47C101M, TMP47C201M TMP47C101/201 The 47C101/201 are high speed and high performance 4-bit single chip microcomputers, integrating ROM, RAM, input/output ports and timer/counters on a chip. The 47C101/201 are the standard type devices in the TLCS-47E series.
Part No.
TMP47C101P TMP47C101M TMP47C201P TMP47C201M
ROM
1024 x 8-bit
RAM
64 x 4-bit
Package
DIP16 SOP16 DIP16 SOP16
OTP
TMP47P201VP T.B.D. TMP47P201VP T.B.D.
Piggyback + Adapter
TMP47C990E + BM1160 (for DIP)
2048 x 8-bit
128 x 4-bit
Features * 4-bit single chip microcomputer * Instruction execution time: 1.3s (at 6MHz) * Low voltage operation: 2.2V (at 2MHz RC) * 89 basic instructions - Instruction set is the same as TLCS-47 series * ROM table look-up instructions * Subroutine nesting: 15 levels max. * 5 interrupt sources (External: 2, Internal: 3) - All sources have independent latches each, and multiple interrupt control is available * I/O port (11 pins) * 12-bit Timer/Counters (TC2) - Timer, event counter, and pulse width measurement mode * 12-bit programmable Timer (TC1) * Interval Timer * High current outputs - LED direct drive capability: typ. 20mA x 4 bits (Port R4) * Hold function - Battery/Capacitor back-up * Real Time Emulator: BM4721A + BM1160 (for DIP)
The information contained here is subject to change without notice. The information contained herein is presented only as guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. These TOSHIBA products are intended for usage in general electronic equipments (office equipment, communication equipment, measuring equipment, domestic electrification, etc.) Please make sure that you consult with us before you use these TOSHIBA products in equipments which require high quality and/or reliability, and in equipments which could have major impact to the welfare of human life (atomic energy control, spaceship, traffic signal, combustion control, all types of safety devices, etc.). TOSHIBA cannot accept liability to any damage which may occur in case these TOSHIBA products were used in the mentioned equipments without prior consultation with TOSHIBA.
TOSHIBA CORPORATION
1/32
TMP47C101/201 Pin Assignment (Top View)
Pin Function
Pin Name
R43 to R40 R53 to R50 R81 (T2) R80 (INT2) XIN XOUT RESET HOLD (INT1) VDD VSS I/O (Input) Input Output Input I/O (Input) Power Supply I/O
Input/Output
Functions
4-bit I/O port with latch. When used as input port, the latch must be set to "1". Every bit data is possible to be set, cleared and tested by the bit manipulation instruction of the L-register indirect addressing. 2-bit I/O port with latch. When used as input port, external interrupt pin, or timer/counter external input pin, the latch must be set to "1". Resonator connecting pins, For inputting external clock, XIN is used and XOUT is opened. Reset signal input Hold request/release signal input +5 V OV (GND) External interrupt 1 input and R82 I/O Timer/Counter 2 external input External interrupt 2 input
2/32
TOSHIBA CORPORATION
TMP47C101/201
Operational Description
Concerning the above component parts, the configuration and functions of hardwares are described.
1. System Configuration
Internal CPU Function * * * * 2.1 Program Counter (PC) 2.2 Program Memory (ROM) 2.3 H Register, L Register 2.4 Data Memory (RAM) - Stack - Stack Pointer Word (SPW) - Data Counter (DC)
* * * * *
2.5 ALU, Accumulator 2.6 Flags 2.7 System Controller 2.8 Interrupt Controller 2.9 Reset Circuit
Peripheral Hardware Function * 3.1 I/O Ports * 3.2 Interval Timer * 3.3 Timer/Counters (TC1, TC2)
TOSHIBA CORPORATION
3/32
TMP47C101/201
2. Internal CPU Function
2.1 Program Counter (PC) The program counter is a 11-bit binary counter which indicates the address of the program memory storing the next instruction to be executed.Normally, the PC is incremented by the
number of bytes of the instruction every time it is fetched. When a branch instruction or a subroutine instruction has been executed or an interrupt has been accepted, the specified values listed in Table 2-1 are set to the PC. The PC is initialized to "0" during reset.
Figure 2-1. Configuration of Program Counter
The PC can directly address a 2048-byte address space. However, with the short branch, the following points must be considered: * Short branch instruction [BSS a] In [BSS a] instruction execution, when the branch con-
dition is satisfied, the value specified in the instruction is set to the lower 6 bits of the PC.That is, [BSS a] becomes the in-page branch instruction. When [BSS a] is stored at the last address of the page, the upper 5 bits of the PC point the next page, so that branch is made to the next page.
Table 2-1 Status Change of Program Counter
4/32
TOSHIBA CORPORATION
TMP47C101/201 2.2 Program Memory (ROM) Programs and fixed data are stored in the program memory. The instruction to be executed next is read from the address indicated by the contents of the PC. The fixed data can be read by using the table look-up instructions. * Table look-up instructions [LDL A, @DC], [LDH A, @DC+] The table look-up instructions read the lower and upper 4 bits of the fixed data stored at the address specified in the data counter (DC) to place them into the accumulator. [LDL A, @DC] instruction reads the lower 4 bits of fixed data, and [LDH A, @DC+] instruction reads the upper 4 bits. The DC is a 12-bit register, allowing it to address the entire program memory space. Example: When [LDL A, @DC] instruction is executed with the DC value being 7AOH being 58H, "8" is stored in the accumulator; when [LDH A, @DC+] instruction is executed, "5" is stored in the accumulator and the DC value is incremented to 7A1H.
Figure 2-2. Configuration of Program Memory
2.2.1 Program Memory Capacity The 47C101 has 1024 x 8 bits (addresses 000H through 3FFH) of program memory (mask ROM), the 47C201 has 2048 x 8 bits (addresses 000H through 7FFH).
2.2.2 Program Memory Map Figure 2-3 shows the program memory map. Address 000H 086H of the program memory are also used for special purposes. On the 47C101, no physical program memory exists in the address range 400H through 7FFH. However, if this space is accessed by program, the most significant bit of each address is always regarded as "0" and the contents of the program memory corresponding to the address is always regarded as "0" and the contents of the program memory corresponding to the address 000H through 3FFH are read.
TOSHIBA CORPORATION
5/32
TMP47C101/201
Figure 2-3. Program Memory Map
2.3 H Register and L Register The H register and L register are 4-bit general registers. They are also used as a register pair (HL) for the data memory (RAM) addressing pointer. The RAM consists of pages, each page being 16 words long (1 word = 4 bits). The H register specifies a page and the L register specifies an address in the page. The L register has the auto-post-increment/decrement capability, implementing the execution of composite instructions. For example, [ST A, @HL+] instruction automatically increments the contents of the L register after data transfer.
During the execution of [SET @L], [CLR @L], or [TEST @L] instructions, the L register is also used to specify the bits corresponding to I/O port pins R73 through R40 (the indirect addressing of port bits by the L register). Example: To Write immediate values "5" and FH" to data memory addresses 10H and 11H. LD ST ST HL, #10H ; #5,@HL+ ; #0FH,@HL+ ; HL 10H RAM [10H] 5H, LRLR + 1 RAM [11H] FH, LRLR + 1
Figure 2-4. Configuration of H and L Registers
6/32
TOSHIBA CORPORATION
TMP47C101/201 2.4 Data Memory (RAM) The 47C101 has 64 x 4 bits (addresses 00H through 3FH) of the data memory (RAM), and the 47C201 has 128 x 4 bits (addresses 00H through 7FH). The RAM is addressed in one of the three ways (addressing modes): (1) Register-indirect addressing mode (3) In this mode, a page is specified by the H register and an address in the page by the L register. Example: LD A, @HL ; AccRAM [HL] Zero-page addressing mode In this mode, an address in zero-page (addresses 00H through 0FH) is specified by the lower 4 bits of the second byte (operand) in the instruction field. Example: ST #3, 05H ; RAM [05H]3 (2) Direct addressing mode In this mode, an address is directly specified by the 8 bits of the second byte (operand) in the instruction field. Example: LD A, 2CH ; AccRAM [2CH]
Figure 2-5. Addressing Mode 2.4.1 Data Memory Map Figure 2-6 shows the data memory map. The data memory is also used for the following special purpose. Stack and Stack Pointer Word (SPW) Data Counter (DC) Count registers of the timer/counters (TC1, TC2) Zero-page
Figure 2-6. Data Memory Map (47C201)
TOSHIBA CORPORATION
7/32
TMP47C101/201 (1) Stack The stack provides the area in which the return address is saved before a jump is performed to the processing routine at the execution of a subroutine call instruction or the acceptance of an interrupt. When a subroutine call instruction is executed, the contents (the return address) of the program counter are saved; when an interrupt is accepted, the contents of the program counter and flags are saved. When returning from the processing routine, executing the subroutine return instruction [RET] restores the contents of the program counter from the stack; executing the interrupt return instruction [RETI] restores the contents of the program counter and flags. The stack consists of up to 15 levels (locations 0 through 14) which are provided in the data memory (addresses 40H through 7BH). Each location consists of 4-word data memory. Locations 13 and 14 are shared with the count registers of the timer/counters (TC1, TC2) to be described later. The save/restore locations in the stack are determined by the stack pointer word (SPW). The SPW is automatically decremented after save, and incremented before restore.That is, the value of the SPW indicates the stack location number for the next save. (2) Stack Pointer Word (SPW) Example: Address 7FH (3FH for the 47C101) in the data memory is called the stack pointer word, which identifies the location in the stack to be accessed (save or restore). Generally, location number 0 to 12 can be set to the SPW, providing up to 13 levels of stack nesting. Locations 13 and 14 are shared with the timer/counters to be described later; therefore, when the timer/counters are not used, the stack area of up to 15 levels is available. Address 7FH is assigned to the SPW, so that the contents of the SPW cannot be set "15" in any case. The SPW is automatically updated when a subroutine call is executed or an interrupt is accepted. However, if it is used in excess of the stack area permitted by the data memory allocating configuration, the user-processed data may be lost.(For example, when the userprocessed data area is in an address range 00H through 4FH, up to location 4 of the stacks are Figure 2-7. Data Counter LD ST ST ST To set the DC to 380H. HL,#07CH #0H,@HL+ #8H,@HL+ #3H,@HL+ ; Sets RAM address of DCL to HL register pair. ; DC380H (3) usable.If an interrupt is accepted with location 4 already used, the user-processed data stored in addresses 4CH through 4FH corresponding to the location 3 area is lost.) The SPW is not initialized by hardware, requiring to write the initial value (the location with which the use of the stack starts) by using the initialization routine. Normally, the initial value of "12" is used. Example: To initialize the SPW (when the stack is used from location 12) A,#12 ; A,0FFH SPW12
LD ST
Data Counter (DC) The data counter is a 12-bit register to specify the address of the data table to be referenced in the program memory (ROM). Data table reference is performed by the table look-up instructions [LDL A, @DC] and [LDH A, @DC +]. The data table may be located anywhere within the program memory address space. The DC is assigned with a RAM address in unit of 4 bits. Therefore, the RAM manipulation instruction is used to set the initial value or read the contents of the DC.
8/32
TOSHIBA CORPORATION
TMP47C101/201
Figure 2-8. Accessing Stack (Save/Restore) at the 47C201
(4)
Count registers of the timer/counters (TC1, TC2) The 47C101/201 has two channels of 12-bit timer/ counters. The count register of the timer/counter is assigned with a RAM addresses in unit of 4 bits, so that the initial value is set and the contents are read by using the RAM manipulation instruction. The count registers are shared with the stack area (locations 13 and 14) described earlier, so that the
stack is usable from location 13 when the timer/ counter 1 is not used. When none of timer/counter 1 and timer/counter 2 are used, the stack is usable from location 14. When both timer/counter 1 and timer/counter 2 are used, the data memory locations at addresses 77H and 7BH (37H and 3BH for the 47C101) can be used to store the user-processed data.
Figure 2-9. Count Registers of the Timer/Counters (TC1, TC2)
TOSHIBA CORPORATION
9/32
TMP47C101/201 (5) Zero-page The 16 words (at addresses 00H through 0FH) of the zero page of the data memory can be used as the user flags or pointers by using zero-page addressing mode instructions (comparison, addition, transfer, and bit manipulation), providing enhanced efficiency in programming. Example: To write immediate data "8" to address 09H if bit 2 at address 04H in the RAM is "1". TEST 04H,2 B ST SKIP: 2.4.2 Data Memory Capacity ; Skips if bit 2 at address 04H in the RAM is "0". Writes "8" to address 09H in the RAM
SKIP #8, 09H ;
Figure 2-10. Data Memory Capacity and Address Assignment
When power-on is performed, the contents of the RAM become unpredictable, so that they must be initialized by the initialization routine. Example: To clear RAM (use common to the 47C101 and 47C201) LD ST HL, #00H #0, @HL+ ; HL00H ; RAM [HL]0, LR LR + 1 ; HRHR + 1
2.5 ALU and Accumulator 2.5.1 Arithmetic/Logic Unit (ALU) The ALU performs the arithmetic and logic operations specified by instructions on 4-bit binary data and outputs the result of the operation, the carry information(C), and the zero detect information (z). (1) Carry information (C) The carry information indicates a carry-out from the most significant bit in an addition. A subtraction is performed as addition of two's complement, so that, with a subtraction, the carry information indicates that there is no borrow to the most significant bit. With a rotate instruction, the information indicates the data to be shifted out from the accumulator.
SCLRRAM:
B SCLRRAM ADD H, #1 B SCLRRAM
10/32
TOSHIBA CORPORATION
TMP47C101/201 (2) Zero detect information (Z) This information is "1" when the operation result or the data to be transferred to the accumulator/data memory is "0000B". 2.6 Flags There is a carry flag (CF), a zero flag (ZF), a status flag (SF), and a general flag (GF), each consisting of 1 bit. These flags are set or cleared according to the condition specified by an instruction. When an interrupt is accepted, the flags are saved on the stack along with the program counter. When the [RETI] instruction is executed, the flags are restored from the stack to the states set before interrupt acceptance. (1) Carry flag (CF) The carry flag holds the carry information received from the ALU at the execution of an addition/subtraction with carry instruction, a compare instruction, or a rotate instruction. With a carry flag test instruction, the CF holds the value specified by it. Addition/subtraction with carry instructions [ADDC A, @HL], [SUBRC A, @HL] Figure 2-11. ALU Example: The carry information and zero detect information for 4-bit additions and subtractions. Result 6 0 2 Result 7 0 3 (1101B) C 0 1 1 C 1 1 0 Z 0 1 0 Z 0 1 0 (2) 2.5.2 Accumulator (Acc) The accumulator is a 4-bit register used to hold source data or results of the operations and data manipulations. The CF becomes the input (Cin) to the ALU to hold the carry information. Compare instructions [CMPR A, @HL], [CMPR A, #k] The CF holds the carry information (non-borrow). Rotate instructions [ROLC A], [RORC A] The CF is shifted into the accumulator to hold the carry information (the data shifted out from the accumulator). Carry flag test instructions [TESTP CF], [TEST CF] With [TESTP CF] instruction, the content of the CF is transferred to the SF then the CF is set to "1". With [TEST CF] instruction, the value obtained by inverting the content of the CF is transferred to the SF then the CF is cleared to "0". Zero flag (ZF) The zero flag holds the zero detect information (Z) received from the ALU at the execution of an operational instruction, a rotate instruction, an input instruction, or a transfer-to-accumulator instruction. (3) Status flag (SF) The status flag provides the branch condition for a branch instruction. Branch is performed when this flag is set to "1". Normally the SF is set to "1", so that any branch instruction can be regarded as an unconditional branch instruction. When a branch instruction is executed upon set or clear of the SF according to the condition specified by an instruction, this instruction becomes a conditional branch instruction. During reset, the SF is initialized to "1", other flags are not affected.
Operation 4+2= 7+9= 9+9= Operation 8-1= 2-2= 5-8=
Figure 2-12. Accumulator
Figure 2-13. Flags
TOSHIBA CORPORATION
11/32
TMP47C101/201 (4) General flag (GF) This is a 1-bit general-purpose flag which can be set, cleared, or tested by program. Example: When the following instruction are executed with the accumulator, H register, L register, data memory (address 07H), and carry flag being set to "CH", "0", "7", "5", and "1" respectively, the contents of the accumulator and flags become as follows:
2.7. System Controller
Figure 2-14. Clock Generator and Timing Generator
2.7.1 Clock Generator The clock generator provides the basic clock pulse (CP) by which the system clock to be supplied to the CPU and the peripheral hardware is produced. The CP can be easily obtained by connecting the resonator to the XIN and XOUT
pins. (RC oscillation is also possible, depending on the mask option) The clock from the external oscillator is also available. In the hold operating mode, the clock generator stops oscillating.
Figure 2-15. Examples of Oscillator Connection
Note: Accurate adjustment of the oscillation frequency. Although the hardware to externally and directly monitor the CP is not provided, the oscillation frequency can be adjusted by making the program to output the pulse with a fixed frequency to the port with the all interrupts disabled and timer/counters stopped and monitoring this pulse. With a system requiring the oscillation frequency adjustment the adjusting program must be created beforehand.
Example: To output the oscillation frequency adjusting monitor pulse to port R40.
12/32
TOSHIBA CORPORATION
TMP47C101/201 2.7.2 Timing Generator The timing generator produces the system clocks from basic clock pulse (CP) which are supplied to the SPU and the peripheral hardware. The timing generator consists of a 18-stage binary counter with a divided-by-16 prescaler. The basic clock (frequency: fc) provides the timing generator. Therefore, the output frequency at the last stage is fc/222[Hz]. During reset, the binary counter is cleared to "0", however, the prescaler is not cleared.
Figure 2-16. Configuration of Interval Timer
The timing generator provides the following functions: Generation of an internal source clock for interval timer Generation of an internal source clock for timer/ counters Generation of a warm-up time for releasing of the hold operating mode
2.7.3 Instruction Cycle The instruction execution and the on-chip peripheral hardware operations are performed in synchronization with the basic clock pulse (CP: fx [Hx]). The smallest unit of instruction execution is called an instruction cycle. The instruction set of the TLCS-47 series consists of 1-cycle instructions and 2-cycle instructions. The former requires 1 cycle for their execution; the latter, 2 cycles. Each instruction cycle consists of 4 states (S1 through S4). Each state consists of 2 basic clock pulses.
Figure 2-17. Instruction Cycle
TOSHIBA CORPORATION
13/32
TMP47C101/201 2.7.4 Hold Operating Mode The hold feature stops the system and holds the system's internal states active before stop with a low power. The hold operation is controlled by the command register (OP10) and the HOLD pin input. The HOLD pin input state can be known by the status register (IPOE). The HOLD pin is wired with the R82 output latch. To use this port for hold operating mode, the R82 output latch should be set to "1". (1) Starts Hold Operating Mode The hold operating mode consists of the level-sensitive release mode and the edge-sensitive release mode. The hold operation is started when the command is set to the command register and holds the following states during the hold operation: The oscillator stops and the system's internal operations are all held up. The timing generator is cleared to "0". The states of the data memory, registers, and latches valid immediately before the system is put in the hold state are all held. The program counter holds the address of the instruction to be executed after the instruction ([OUT A, %OP10] or [OUT @HL, %OP10]) which starts the hold operating mode.
Figure 2-18. Hold Operating Mode Command Register/Status Register
a. Level-sensitive release (back-up) mode In this mode, the hold operation is released by setting the HOLD pin to the high level. This mode is used for the capacitor backup with power off or for the battery backup for long hours. If the instruction to start the hold operation is executed with the HOLD pin input being high, the hold operation does not start but the release sequence (warm-up) starts immediately. Therefore, to start the hold operation in the level-sensitive release mode, that the HOLD pin input being low (the hold operation request) must be recognized in program. This recognition is performed in one of the two ways below:
Testing HOLD (bit 0 of the status register) Generating the external interrupt 1 request. Example: To test HOLD to start the hold operation in the level-sensitive release mode (the warmup time = 214/fc). SHOLDH: TEST %IPOE, 0 ; Waits until HOLD pin input goes low. ; OP101101B
B LD OUT
SHOLDH A, #1101B A, %OP10
14/32
TOSHIBA CORPORATION
TMP47C101/201
Figure 2-19. Level-Sensitive Release Mode b. Edge-sensitive release (clock) mode In this mode, the hold operation is released at the rising edge of the HOLD pin input. This mode is used for applications in which a relatively short-time program processing is repeated at a certain cycle. This cyclic signal (for example, the clock supplied from the low power dissipation oscillator). In the edge-sensitive mode, even if the HOLD pin input is high, the hold operation is performed. Example: To start the hold operation in the edge-sensitive release mode (the warm-up time = 214/fc). LD A, #0101B ; OUT A, %OP10 OP100101B
Figure 2-20. Edge-Sensitive Release Mode
Note 1: In the hold operation, the dissipation of the power associated with the oscillator and the internal hardware is lowered; however, the power dissipation associated with the pin interface (depending on the external circuitry and program) is not directly determined by the hardware operation of the hold feature. This point should be considered in the system design and the interface circuit design. Note 2: In the CMOS circuitry, a current does not flow when the input level is stable at the power voltage level (VDD/VSS): however, when the input level gets higher than the power voltage level (by approximately 0.3 to 0.5 V), a current begins to flow. Therefore, if cutting off the output transistor at an I/O port (the open drain output pin with an input transistor connected) puts the pin signal into the high-impedance state, a current flows across the ports input transistor, requiring to fix the level by pull-up or other means.
(2)
Releases Hold Operating Mode The hold operating mode is released in the following sequence: The oscillator starts Warm-up is performed to acquire the time for stabilizing oscillation. During the warm-up, the internal operations are all stopped. One of three warm-up times can be selected by program depending on the characteristics of the oscillator used. When the warm-up time has passed, an ordinary operation restarts from the instruction next to the instruction which starts the hold operation. At this time, the interval timer starts from the reset state "0".
TOSHIBA CORPORATION
15/32
TMP47C101/201 The warm-up time is obtained by dividing the basic clock by the interval timer, so that, if the frequency at releasing the hold operation is unstable, the warm-up time shown in Figure 2-18. includes an error. Therefore, the warm-up time must be handled as an approximate value. The hold operation is also released by setting the RESET pin to the low level. In this case, the normal reset operation follows immediately.
Note: To release the hold operation at a low hold voltage, the following points must be considered: When the power voltage rises from the hold voltage to the operating voltage, the RESET pin input is also at the high level and its voltage rises with the power voltage.
level of the RESET pin input gets under the noninverted high input voltage of the RESET pin input (the hysteresis input), a reset operation may happen. 2.8 Interrupt Function 2.8.1 Interrupt Controller There are 5 interrupt sources (2 external and 3 internal). The prioritized multiple interrupt capability is supported. The interrupt latches (IL5 through IL0) to hold interrupt requests are provided for the interrupt sources. Each interrupt latch is set to "1" when an interrupt request is made, asking the CPU to accept the interrupt. The acceptance of interrupt can be permitted or prohibited by program through the interrupt enable master flipflop (EIF) and interrupt enable register (EIR). When two or more interrupts occur simultaneously, the one with the highest priority determined by hardware is serviced first.
In this case, if a time-constant circuit or the like is externally attached, the voltage rise of the RESET pin input occurs after the power voltage rise. If the voltage
Table 2-2. Interrupt Sources
16/32
TOSHIBA CORPORATION
TMP47C101/201
Figure 2-21. Interrupt Controller Block Diagram
(1)
Interrupt enable master flip-flop (EIF) The EIF controls the enable/disable of all interrupts. When this flip-flop is cleared to "0", all interrupts are disabled; when it is set to "1", the interrupts are enabled. When an interrupt is accepted, the EIF is cleared to "0", temporarily disabling the acceptance of subsequent interrupts. When the interrupt service program has been executed, the EIF is set to "1" by the execution of the interrupt return instruction [RETI], being put in the enabled state again. Set or clear of the EIF in program is performed by instruction [EICLR IL, r] and [DICLR IL, R], respectively. The EIF is initialized to "0" during reset.
enabled when the corresponding bit of the EIR is "1", and an interrupt is disabled when the corresponding bit of the EIR is "0". Bit 1 of the EIR (EIR1) is shared by both IOVF2 and ITMR interrupts. Read/write on the EIR is performed by executing [SCH a, EIR] instruction. The EIR initialized to "0" during reset. (3) Interrupt latch (IL5 through IL0) An interrupt latch is provided for each interrupt source. The IL is set to "1" when an interrupt request is made to ask the CPU for accepting the interrupt. Each IL is cleared to "0" upon acceptance of the interrupt. It is initialized to "0" during reset. The ILS can be cleared independently by interrupt latch operation instructions ([EICLR IL, r], [DICLR IL, r], and [CLR IL, r]) to make them cancel interrupt requests or initialize by program. When the value of instruction field (r) is "0", the interrupt latch is cleared; when the value is "1", the IL is held. Note that the ILs cannot be set by instruction.
(2)
Interrupt enable register (EIR) The EIR is a 4-bit register specifies the enable or disable of each interrupt except INT1. An interrupt is
TOSHIBA CORPORATION
17/32
TMP47C101/201 Example 1: To enable IOVF1, INT1, and INT2 interrupts. LD A,#0101B XCH A,EIR EICLR IL,111111B ; EIR0101B ; EIF1 The interrupt acknowledge processing consists of the following sequence: The contents of the program counter and the flags are saved on the stack. The interrupt entry address corresponding to the interrupt source is set to the program counter. The status flag is set to "1". The EIF is cleared to "0", temporarily disabling the acceptance of subsequent interrupts. The interrupt latch for the accepted interrupt source is cleared to "0". The instruction stored at the interrupt entry address is executed. (Generally, in the program memory space at the interrupt entry address, the branch instruction to each interrupt processing program is stored.)
Example 2: To set the EIF to "1", and to clear the interrupt latches except ITMR to "0". EICLR IL,000010B ; EIF1, IL00, IL2IL50
2.8.2 Interrupt Processing An interrupt request is held until the interrupt is accepted or the IL is cleared by the reset of the interrupt latch operation instruction.The interrupt acknowledge processing is performed in 2 instruction cycles after the end of the current instruction execution (or after the timer/counter processing if any). The interrupt service program terminates upon execution of the interrupt return instruction [RETI].
Figure 2-22. Interrupt Timing Chart (Example)
To perform the multi-interrupt, the EIF is set to "1" in the interrupt service program, and the acceptable interrupt source is selected by the EIR. However, for the INT1 interrupt, the interrupt service is disabled under software control because it is not disabled by the EIR. Example: The INT1 interrupt service is disabled under software control (Bit 0 of RAM [05H] are assigned to the disabling switch of interrupt service).
PINT1:
TEST B RET1 :
05H,0 SINT1
; Skips if RAM [05H] 0 is "1"
SINT1:
The Interrupt return instruction [RETI] performs the following operations: Restores the contents of the program counter and the flags from the stack. Sets the EIF to "1" to provide the interrupt enable state again.
18/32
TOSHIBA CORPORATION
TMP47C101/201 In the interrupt processing, the program counter and flags are automatically saved or restored but the accumulator and other registers are not. If it is necessary to save or restore them, it must be performed by program as shown in the following example. To perform the multi-interrupt, the saving RAM area never be overlapped. Example: To save and restore the accumulator and HL register pair. XCH XCH HL, GSAV1; A, GSAV1+2; RAM GSAV1 HL RAM GSAV1+2 Acc The INT1 interrupt cannot be disabled by the EIR, so that it is always accepted in the interrupt enable state (EIF="1"). Therefore, INT1 is used for an interrupt with high priority such as an emergency interrupt. When HOLD (INT1) pin is used for the I/O port, the INT1 interrupt occurs at the falling edge of the pin input, so that the interrupt return [RET1] instruction must be stored at the interrupt entry address to perform dummy interrupt processing.
Note. The lower 2 bits of GSAV1 should be "0's".
2.8.3 External Interrupt When an external interrupt (INT1 or INT2) occurs, the interrupt latch is set at the falling edge of the corresponding pin input (INT1 or INT2). The external interrupt input is the hysteresis type, each of high and low level time requires 2 or more instruction cycles for a correct interrupt operation.
2.9 Reset Function When the RESET pin is held to the low level for three or more instruction cycles when the power voltage is within the operating voltage range and the oscillation is stable, reset is performed to initialize the internal states. When the RESET pin input goes high, the reset is cleared and program execution starts from address 000H. The RESET pin is a hysteresis input with a pull-up resistor (220k typ.). Externally attaching a capacitor and a diode implement a simplified power-on-reset operation
Figure 2-23. Simplified Power-On-Reset
Table 2-3. Initialization of Internal States by Reset Operation
TOSHIBA CORPORATION
19/32
TMP47C101/201
3. Peripheral Hardware Function
3.1 Ports The data transfer with the external circuit and the command/ status/data transfer with the internal circuit are performed by using the I/O instructions (13 kinds). There are 4 types of ports: I/O port ; Data transfer with external circuit Control of internal circuit Reading the status signal from internal circuit Data transfer with internal circuit
These ports are assigned with port addresses (00H through IFH). Each port is selected by specifying its port address in an I/O instruction. Table 3-1 lists the port address assignments and the I/O instructions that can access the ports.
3.1.1 I/O Timing (1) Input timing External data is read from an input port or an I/O port in the S3 state of the second instruction cycle during the input instruction (2-cycle instruction) execution. This timing cannot be recognized from the outside, so that the transient input such as chattering must be processed by program.
Command register ; Status register Data register ;
;
Figure 3-1. Input Timing (2) Output timing Data is output to an output port or an I/O port in the S4 state of the second instruction cycle during the output instruction (2-cycle instruction) execution.
Figure 3-2. Output Timing 3.1.2 I/O Ports The 47C101/201 have 4 I/O ports (11 pins) each as follows: R4, R5 R8 ; ; 4-bit input/output 2-bit input/output (shared with external interrupt input and timer/counter input) KE ; 1-bit sense input (shared with hold request/release signal input)
Each output port contains a latch, which holds the output data. The input ports have no latch; therefore, it is desired to hold data externally until it is read or read twice or more before processing it.
20/32
TOSHIBA CORPORATION
TMP47C101/201 Table 3-1. Port Address Assignments and Available I/O Instructions
TOSHIBA CORPORATION
21/32
TMP47C101/201 (1) Ports R4 (R43 to R40), R5 (R53 to 50) These ports are 4-bit I/O ports with a latch. When used as an input port, the latch must be set to "1". The latch is initialized to "1" during reset. Port R4 can directly drive LEDs. These 2 ports (8 pins) can be set, cleared, and tested for each bit as specified by L register indirect addressing bit manipulation instructions ([SET @L], [CLR @L], and [TEST @L]). Table 3-1 lists the pins (I/O ports) that correspond to the contents of L register. Example: To clear R43 output as specified by the L register indirect addressing bit manipulation instruction. L, #00011B ; Sets R43 pin address to L register ; R43 0
LD
CLR @L
Table 3-2. Relationship Between L Register Contents and I/O Port Bits.
Figure 3-3. Ports R4, R5
(2)
Port R8 (R81 to R80) and Port KE Port R8 is a 2-bit I/O port with a latch.When used as an input port, the latch must be set to "1". The latch is initialized to "1" during reset. Port R8 is shared with the external interrupt input pin and the timer/counter input pin. To use this port for one of these functional pins, the latch should be set to "1". To us it for an ordinary I/O port, the acceptance of external interrupt should be disabled or the event counter/pulse width measurement modes of the timer/ counter should be disabled. R82, R83 pins do not exist actually but R82, R83 has the latch. And R82 is wired to HOLD (INT1) pin, internally.
Port KE (KEO) is a 1-bit sense input port shared with the hold request/release signal input in (HOLD). This input port is assigned to the least significant bit of port address IPOE and is processed as the data with inverted polarity. For example, if an input instruction is executed with the pin on the high level, "0" is read. The bit1 to bit3 of port KE, and undefined value is read when an input instruction is executed.
Note: When HOLD (INT1) pin is used for an I/O port, external interrupt 1 occurs upon detection of the falling edge of pin input, and if the interrupt enable master flip-flop is enabled, the interrupt request is always accepted. So that a dummy interrupt processing must be performed (only the interrupt return instruction [RETI] is executed). With R80 (INT2) pin, external interrupt 2 occurs like HOLD (INT1) in but bit 0 of the interrupt enable register (EIR0) is only kept at "0"not accepting the interrupt request.
22/32
TOSHIBA CORPORATION
TMP47C101/201
Figure 3-4. Port R8 and HOLD (INT1) Pin
3.2 Interval Timer The interval timer can be used to generate an interrupt with a fixed frequency. For an interval timer interrupt (ITMR), one of 4 frequencies can be selected by command. The command register (OP19) is initialized to "0" during reset. An interval timer interrupt is generated at the first rising edge of the binary counters output after the command has been set. The interval timer is not cleared by command, so that the first interrupt
may occur earlier than the preset interrupt period. Example: To set the interval timer interrupt frequency to fc/212 [Hz]. LD OUT A, A, #0110B %OP19
Figure 3-5. Command Register
TOSHIBA CORPORATION
23/32
TMP47C101/201 3.3 Timer/Counters (TC1,TC2) The 47C101/201 contain two 12-bit timer/counters (TC1, TC2). RAM addresses are assigned to the count register in unit of 4 bits, permitting the initial value setting and counter reading through the RAM manipulation instruction. When the timer/ counter is not used, the mode selection may be set to "stopped" to use the RAM at the address corresponding to the timer/counter for storing the ordinary user-processed data.
Figure 3-16. Count Registers of the Timer/Counters (TC1, TC2)
3.3.1 Functions of Timer/Counters The timer/counters provide the following functions: Event counter Programmable timer Pulse width measurement
3.3.2 Control of Timer/Counters The timer/counters are controlled by the command registers. The command register is accessed as port address OP1C for TC1 and port address OP1D for TC2. These registers are initialized to "0" during reset.
Figure 3-7. Timer/Counter Control Command Registers
24/32
TOSHIBA CORPORATION
TMP47C101/201 The timer/counter increments at the rising edge of each count pulse. Counting starts with the first rising edge of the count pulse generated after the command has been set. Count operation is performed in one instruction cycle after the current instruction execution, during which the execution of a next instruction and the acceptance of an interrupt are delayed. If counting is requested by both TC1 and TC2 simultaneously, the request by TC1 is preferred. The request by TC2 is accepted in the next instruction cycle. Therefore, during count operation, the apparent instruction execution speed drops as counting occurs more frequently. The timer/counter causes an interrupt upon occurrence of an overflow (a transition of the count value from FFFH to 000H). If the timer/counter is in the interrupt enabled state and the overflow interrupt is accepted immediately after its occurrence, the interrupt is processed in the sequence shown in Figure 3-8. Note that counting continues if there is a count request after overflow occurrence.
Figure 3-8. Timer/Counter Overflow Interrupt Timing
(1)
Event counter mode In the event counter mode, the timer/counter increments at each rising edge of the external pin (T2) input. The maximum applied frequency of the external pin input is fc/32. The apparent instruction execution speed drops most to (1/3) x 100 = 33% when TC2 is operated at the maximum applied frequency because the count operation is inserted once every 4 instruction
cycles. For example, the instruction execution speed of 2s drops to 2.66s Example: To operate TC2 in the event counter mode. LD OUT A, #0100B A, %0P1D ; OP1D01**B
Figure 3-9. Event Counter Timing Chart (2) Timer mode In the timer mode, the timer/counter increments at the rising edge of the internal pulse generated from the timing generator. One of 4 internal pulse rates can be selected by the command register. The selected rate can be initially set to the timer/counter to generate an overflow interrupt in order to create a desired time interval. When an internal pulse rate of fc/210 is used, a count operation is inserted once every 128 instruction cycles, so that the apparent instruction execution speed drops by (1/127) x 100 = 0.8%. For example, the instruction execution speed of 2s drops to 2.016s.
TOSHIBA CORPORATION
25/32
TMP47C101/201 Example: To generate an overflow interrupt (at fc = 4MHz) by the TC1 after 100ms. LD HL, #0F4H ; TC1E79H (setting of the count register) Calculating the preset value of the count register The preset value of the count register is obtained from the following relation 212 - (interrupt setting time) x (internal pulse rate) For example, to generate an overflow interrupt after 100ms at fc = 4MHz with the internal pulse rate of fc/ 210, set the following value to the count register as the preset value: 212 - (100 x 10-3) x (4 x 106/210) = 3705 = E79H
ST ST ST LD OUT LD
#9, @HL+ #7, @HL+ #0EH, @HL+ A, #1000B : A, %OP1C A, #0100B ;
OP1C1000B EIR0100B (enables interrupt) EIF1, IL30
A EIR EICLR IL, 110111B ;
Table 3-3. Internal Pulse Rate Selection
Example: At fc = 4.194304MHz Internal Pulse Rate fc/210 fc/2
14
Max. Setting Time Internal Pulse Rate Max. Setting Time 1 [s] 16 256 4096 222/fc 226 230 234 [s] 4096 [Hz] 256 16 1
[Hz]
fc/218 fc/222
(3)
Pulse width measurement mode In the pulse width measurement mode, the timer/ counter increments with the pulse obtained by sampling the external pins (T2) by the internal pulse. As shown in Figure 3-11, the timer/counter increments
only while the external pin input is high. The maximum applied frequency to the external pin input must be one that is enough for analyzing the count value. Normally, a frequency sufficiently slower than the internal pulse rate setting is applied to the external pin.
Figure 3-11. Pulse Width Measurement Mode Timing Chart
26/32
TOSHIBA CORPORATION
TMP47C101/201
Input/Output Circuitry
(1) Control pins
The input/output circuitries of the 47C101/201 control pins are shown below, any one of the circuitries can be chosen by a code (FA, FB, FD or FE) as a mask option.
(2)
I/O Ports
TOSHIBA CORPORATION
27/32
TMP47C101/201
Electrical Characteristics
Absolute Maximum Ratings (VSS = 0V)
Parameter Supply Voltage Input Voltage Output Voltage Output Current (Per 1 pin) Output Current (Total) Symbol VDD VIN VOUT1 IOUT1 IOUT2 IOUT1 PD Tsld Tstg Topr Port R4 Ports R5, R8, HOLD Port R4 DIP SOP Pins Rating -0.3 to 6.5 -0.3 to VDD + 0.3 -0.3 to VDD + 0.3 30 3.2 120 600 600 260 (10s) -55 to 125 -30 to 70 Unit V V V mA mA mW C C C
Power Dissipation [Topr = 70C] Soldering Temperature Storage Temperature Operating Temperature (time)
Recommended Operating Conditions (VSS = 0V, Topr = -430 to 70C)
Parameter Symbol Pins Normal mode Supply Voltage VDD HOLD mode VIH1 Input High Voltage VIH2 VIH3 VIL1 Input Low Voltage VIL2 VIL3 Clock Frequency fc XIN, XOUT Except Hysteresis Input Hysteresis Input In the HOLD mode VDD = 4.5 to 5.5V VDD = 2.7 to 5.5V VDD = 2.2 to 5.5V (RC) 0.4 Except Hysteresis Input Hysteresis Input In the HOLD mode In the normal operating area 0 Conditions Crystar or ceramic RC - In the normal operating area fc = 6.0MHz fc = 4.2MHz fc = 2.5MHz - Min. 4.5 2.7 2.2 2.0 VDD x 0.7 VDD x 0.75 VDD x 0.9 VDD x 0.3 VDD x 0.25 VDD x 0.1 6.0 4.2 2.5 MHz V VDD V 5.5 V Max. Unit
28/32
TOSHIBA CORPORATION
TMP47C101/201 DC Characteristics (VSS = 0V, Topr = -30 to 70C)
Parameter Hysteresis Voltage Input Current Input Resistance Input Low Current Output Leakage Current Output High Voltage Symbol VHS IIN1 IIN2 RIN IIL ILO VOH VOL IOL1 Pins Hysteresis Input RESET, HOLD Open drain output ports RESET Push-pull output ports Open drain output ports Push-pull output ports Except XOUT and port R4 Port R4 VDD = 5.5V, VIN = 0.4V VDD = 5.5V, VOUT = 5.5V VDD = 4.5V, IOH = -200A VDD = 2.2V, IOH = -5A VDD = 4.5, IOL = 1.6mA VDD = 2.2V, IOL = 20A VDD = 4.5V, VOL = 1.0V VDD = 5.5V, fc = 4MHz Supply Current (in the Normal operating mode) Supply Current (in the HOLD operating mode) IDD VDD = 5.5V, fc = 4MHz VDD = 3.0V, fc = 400kHz IDDH VDD = 5.5V VDD = 5.5V, VIN = 5.5V/0V Conditions Min. - - 100 - - 2.4 2.0 - - - - - - - typ. 0.7 - 220 - - - - - - 20 2 1 0.5 0.5 Max. - 2 450 -2 2 - - 0.4 0.1 - 4 2 -1 10 A mA V mA Unit V A k mA A V
Output Low Voltage Output Low Current
Note 1. Typ. values show those at Topr = 25 C, VDD = 5V. Note 2. Input Current IIN1; The current through resistor is not included. Note 3. Supply Current VIN = 5.3 V/0.2V (VDD = 5.5V) or 2.8V/0.2V (VDD = 3.0V)
AC Characteristics (VSS = 0V, Topr = -30 to 70C)
Parameter Instruction Cycle Time Symbol tcy Conditions VDD = 4.5 to 5.5V VDD = 2.7 to 5.5V VDD = 2.2 to 5.5V High Level Clock Pulse Width Low Level Clock Pulse Width tWCH tWCL VDD 2.7V For external clock operation VDD < 2.7V VDD 2.7V VDD < 2.7V Min. 1.3 1.9 3.2 80 160 80 160 - - ns - 20 s Typ. Max. Unit
TOSHIBA CORPORATION
29/32
TMP47C101/201 Recommended Oscillating Conditions (VSS = 0V, VDD = 2.7 to 5.5V, Topr = -30 to 70C) (1) 6MHz Ceramic Resonator CSA6.00MGU (MURATA) KBR-6.00MS (KYOCERA) EFOEC6004A4 (NATIONAL) (2) 4MHz Ceramic Resonator CSA4.00MG (MURATA) KBR-4.00MS (KYOCERA) EFOEC4004A4 (NATIONAL)
CXIN = CXOUT = 30 pF CXIN = CXOUT = 30 pF CXIN = CXOUT = 30 pF
CXIN = CXOUT = 30 pF CXIN = CXOUT = 30 pF CXIN = CXOUT = 30 pF
Crystal Oscillator 204B-6F 4.0000 (TOYOCOM) CXIN = CXOUT = 20pF (3) 400kHz Ceramic Resonator CSB400B (MURATA) CXIN = CXOUT = 220pF, RXOUT = 6.8k KBR-400B (KYOCERA) CXIN = CXOUT = 100pF, RXOUT = 10k EFOA400K04B (NATIONAL) CXIN = CXOUT = 470pF, RXOUT = 0 (4) RC Oscillation (VSS = 0V, VDD = 5.0V, Topr = 25C) 2MHz (Typ.) 400kHz (Typ.) CXIN = 33pF, RX = 10k CXIN = 100pF, RX = 30k
30/32
TOSHIBA CORPORATION
TMP47C101/201 Typical Characteristics
TOSHIBA CORPORATION
31/32
TMP47C101/201 Notes
32/32
TOSHIBA CORPORATION


▲Up To Search▲   

 
Price & Availability of TMP47C990E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X